Part Number Hot Search : 
2N699 SZ305G 2SB1134 EP9157 SURCK XMXXX D74LVC5 74HC0
Product Description
Full Text Search
 

To Download P3055LLG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NIKO-SEM
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P3055LLG
SOT-223 Lead-Free
D
PRODUCT SUMMARY V(BR)DSS 25 RDS(ON) 90m ID 6A 1. GATE 2. DRAIN 3. SOURCE
G S
ABSOLUTE MAXIMUM RATINGS (TC = 25 C Unless Otherwise Noted) PARAMETERS/TEST CONDITIONS Gate-Source Voltage Continuous Drain Current Pulsed Drain Current Avalanche Energy Repetitive Avalanche Energy Power Dissipation
2 1
SYMBOL VGS
LIMITS 20 6 3.6 22 60 3 3 1.5 -55 to 150 275
UNITS V
TC = 25 C TC = 100 C
ID IDM
A
L = 0.1mH L = 0.05mH TC = 25 C TC = 100 C
EAS EAR PD Tj, Tstg TL
mJ
W
Operating Junction & Storage Temperature Range Lead Temperature ( /16" from case for 10 sec.) THERMAL RESISTANCE RATINGS THERMAL RESISTANCE Junction-to-Case Junction-to-Ambient
1 2 1
C
SYMBOL RJC RJA
TYPICAL
MAXIMUM 12 42
UNITS C / W
Pulse width limited by maximum junction temperature. Duty cycle 1%
ELECTRICAL CHARACTERISTICS (TC = 25 C, Unless Otherwise Noted) PARAMETER SYMBOL TEST CONDITIONS STATIC Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current On-State Drain Current1 V(BR)DSS VGS(th) IGSS IDSS ID(ON) VGS = 0V, ID = 250A VDS = VGS, ID = 250A VDS = 0V, VGS = 20V VDS = 20V, VGS = 0V VDS = 20V, VGS = 0V, TJ = 125 C VDS = 10V, VGS = 10V 6 25 0.8 1.2 2.5 250 25 250 nA A A V LIMITS UNIT MIN TYP MAX
1
NOV-05-2004
NIKO-SEM
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P3055LLG
SOT-223 Lead-Free
70 50 16 120 90
Drain-Source On-State Resistance1 Forward Transconductance1
RDS(ON) gfs
VGS = 5V, ID = 3A VGS = 10V, ID = 6A VDS = 15V, ID = 6A DYNAMIC
m S
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge
2
Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf VDS = 15V, RL = 1 ID 10A, VGS = 10V, RGS = 2.5 VDS = 0.5V(BR)DSS, VGS = 10V, ID = 3A VGS = 0V, VDS = 15V, f = 1MHz
450 200 60 15 2.0 7.0 6.0 6.0 20 5.0 nS nC pF
Gate-Source Charge2 Gate-Drain Charge
2 2
Turn-On Delay Time2 Rise Time
Turn-Off Delay Time2 Fall Time2
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 C) Continuous Current Pulsed Current
3
IS ISM VSD trr IRM(REC) Qrr IF = IS, dlF/dt = 100A / S IF = IS, VGS = 0V 30 15 0.043
6 35 1.5
A V nS A C
Forward Voltage1 Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge
1 2
Pulse test : Pulse Width 300 sec, Duty Cycle 2 . Independent of operating temperature. 3 Pulse width limited by maximum junction temperature. REMARK: THE PRODUCT MARKED WITH "P3055LLG", DATE CODE or LOT # Orders for parts with Lead-Free plating can be placed using the PXXXXXXG parts name.
2
NOV-05-2004
NIKO-SEM
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P3055LLG
SOT-223 Lead-Free
3
NOV-05-2004
NIKO-SEM
N-Channel Logic Level Enhancement Mode Field Effect Transistor
P3055LLG
SOT-223 Lead-Free
SOT-223 MECHANICAL DATA
mm Dimension Min. A B C D E F G 0.67 6.7 2.9 2.27 4.57 1.5 6.3 Typ. 0.7 7 3 2.3 4.6 1.6 6.5 Max. 0.73 7.3 3.1 2.33 4.63 1.7 6.7 H I J K L M N 0 0.03 Dimension Min. 3.3 0.63 Typ. 3.5 0.65 0.32 Max. 3.7 0.67 0.4 10 0.1 mm
4
NOV-05-2004


▲Up To Search▲   

 
Price & Availability of P3055LLG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X